PART |
Description |
Maker |
IPD22N08S2L-50 |
OptiMOS Power-Transistor 27 A, 75 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Infineon Technologies AG
|
STB50N25M5 |
N-channel 250 V, 0.065 Ω, 28 A, MDmesh V Power MOSFET in DPAK package
|
STMicroelectronics
|
IRFP230 SSH40N15A SSH20N50A IRFP330 SSH60N10A |
9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 40 A, 150 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 5.5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 60 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P
|
FAIRCHILD SEMICONDUCTOR CORP
|
STS3DNE60L 6083 |
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.065 - 3A SO-8 STripFET TM POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRF5NJ5305 IRF5NJ5305SCX |
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 22 A, 55 V, 0.065 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-55V/ Rds(on)=0.065ohm/ Id=-22A*) SURFACE MOUNT (SMD-0.5) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*) -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
0879331007 87933-1007 |
1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 10 Circuits, 0.05μm (2μ) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap 1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 10 Circuits, 0.05渭m (2渭) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
|
http:// Molex Electronics Ltd.
|
MAX626-TSC428 TSC426CBA TSC426CPA TSC426MJA TSC427 |
Dual Power MOSFET Driver 双电源MOSFET驱动 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 20-LCCC -55 to 125 30V N-Channel PowerTrench MOSFET Dual Power MOSFET Drivers Dual-Power MOSFET Drivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
APT50M65B2FLL APT50M65LFLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS. POWER MOS 7 500V 67A 0.065 Ohm
|
Advanced Power Technology Ltd.
|
|